Part Number Hot Search : 
HMC200 LVX3245 MUR16 MBRF3010 SBMJ160 STD2NA60 CX162 G23AS2
Product Description
Full Text Search
 

To Download SA45A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5V0A - SA170A
500W TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * * * Constructed with Glass Passivated Die Excellent Clamping Capability 500W Peak Pulse Power Dissipation Fast Response Time 100% Tested at Rated Peak Pulse Power Voltage Range 5.0 - 170 Volts Unidirectional and Bi-directional Versions Available (Note 1)
A
B
A
D
C
Mechanical Data
* * * * * * * Case: Transfer Molded Epoxy Plastic Case Material has UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Leads: Plated Leads, Solderable per MIL-STD-202, Method 208 Marking: Unidirectional: Type Number and Cathode Band Marking Bi-directional: Type Number Only Approx. Weight: 0.4 grams
DO-15 Dim A B C D Min 25.40 5.50 0.686 2.60 Max -- 7.62 0.889 3.6
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol Ppk Pd IFSM VF TJ, TSTG Value 500 1.0 70 3.5 -65 to +175 Unit W W A V C
Characteristic Peak Power Dissipation, Tp = 1.0ms (Non repetitive current pulse, derated above TA = 25C) Steady State Power Dissipation at TL = 75C Lead Lengths 9.5 mm (Board mounted) Peak Forward Surge Current, 8.3 Single Half Sine Wave Superimposed on Rated Load Duty Cycle = 4 pulses per minute maximum Forward Voltage @ IF = 35A 300s Square Wave Pulse, Unidirectional Only Operating and Storage Temperature Range Notes:
1. Suffix "A" denotes unidirectional, suffix "CA" denotes bi-directional device. 2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.
DS21501 Rev. 10 - 2
1 of 3
SA5V0A - SA170A
Type Number (Suffix C = Bidirectional) (Note 1) SA5V0(C)A SA6V0(C)A SA6V5(C)A SA7V0(C)A SA7V5(C)A SA8V0(C)A SA8V5(C)A SA9V0(C)A SA10(C)A SA11(C)A SA12(C)A SA13(C)A SA14(C)A SA15(C)A SA16(C)A SA17(C)A SA18(C)A SA20(C)A SA22(C)A SA24(C)A SA26(C)A SA28(C)A SA30(C)A SA33(C)A SA36(C)A SA40(C)A SA43(C)A SA45(C)A SA48(C)A SA51(C)A SA54(C)A SA58(C)A SA60(C)A SA64(C)A SA70(C)A SA75(C)A SA78(C)A SA85(C)A SA90(C)A SA100(C)A SA110(C)A SA120(C)A SA130(C)A SA150(C)A SA160(C)A SA170(C)A Notes:
Reverse Standoff Voltage VR (V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
Breakdown Voltage VBR @ It Min (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 Max (V) 7.00 7.37 7.98 8.60 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86.0 92.1 95.8 104.0 111.0 123.0 135.0 147.0 159.0 185.0 197.0 209.0
Test Current It (mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max. Clamping Voltage @IPP VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0
Max. Reverse Max. Leakage Peak @VR Pulse Current (Note 2) IPP (A) 54.3 48.5 44.7 41.7 38.8 36.7 34.7 32.5 29.4 27.4 25.1 23.2 21.5 20.6 19.2 18.1 17.2 15.4 14.1 12.8 11.9 11.0 10.3 9.4 8.6 7.8 7.2 6.9 6.5 6.1 5.7 5.3 5.2 4.9 4.4 4.1 4.0 3.6 3.4 3.1 2.8 2.6 2.4 2.1 1.9 1.8 IR (mA) 600 600 400 150 50 25 10 5.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
Max. Voltage Temp. Variation of VBR mV/C 5.0 5.0 5.0 6.0 7.0 7.0 8.0 9.0 10 11 12 13 14 16 17 19 20 23 25 28 30 31 36 39 41 46 50 52 56 61 65 70 71 76 85 91 95 103 110 123 133 146 158 184 196 208
1. Suffix "A" denotes unidirectional, suffix "CA" denotes bi-directional device. 2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.
DS21501 Rev. 10 - 2
2 of 3
SA5V0A - SA170A
10,000
PEAK PULSE CURRENT - % Ipp
100
t r = 10 msec
Peak Value Ipp
5,000
Unidirectional Bidirectional
CT, CAPACITANCE (pF)
1000 500
VR = 0
Half Value I pp/2 50
100 50 VR = Rated Stand-off Voltage
tp
0
as defined by R.E.A.
10 x 1000 Wave form
10
0
1
2
3
5
10
20
50
100
20
50
t, TIME (ms) Fig. 1, Pulse Waveform
VR, RATED STANDOFF VOLTAGE (V) Fig. 2, Typical Total Capacitance
100
PRSM, NON-REPETITIVE PEAK PULSE POWER (kW)
IMPULSE
HALF SINE WAVE
Tc = 25C
10
1.0
SQ. WAVE
0.1 0.1
1.0
10
100
1000
10000
Tp - PULSE WIDTH (mS) Fig. 3, Peak Pulse Power Derating
100
1.0
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
75
Pd , AVERAGE POWER DISSIPATION (W)
0.75
50
0.5
L = 9.5 mm
25 10 X 1000 Waveform as defined by REA 0 0 25 50 75 100 125 150 175 200
0.25
0 0 25 50 75 100 125 150 175 200
TA, AMBIENT TEMPERATURE (C) Fig. 4, Derating Curve
TL , LEAD TEMPERATURE (C) Fig. 5, Power Derating
DS21501 Rev. 10 - 2
3 of 3
SA5V0A - SA170A


▲Up To Search▲   

 
Price & Availability of SA45A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X